PART |
Description |
Maker |
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
CY7C1383B-83BGC CY7C1383B-83BZC CY7C1383B-83AC CY7 |
512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PBGA119 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
75KTA062134-200 |
Network Search Engine Development Board for the Intel??IXDP2400 Development Platform
|
Integrated Device Technology, Inc.
|
75KTA162134 |
Network Search Engine Development Board for the IntelIXDP2401 IXDP2801 and IXDP2851 Development Platforms
|
Integrated Device Technology, Inc.
|
AS7C251MFT32_36A AS7C251MFT32A AS7C251MFT32A-10TQC |
2.5V 1M x 32/36 Flow-through synchronous SRAM Sync SRAM - 2.5V High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SO -55 to 125 DIODE ZENER SINGLE 1000mW 20Vz 12.5mA-Izt 0.05 5uA-Ir 15.2Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 30Vz 8.5mA-Izt 0.05 5uA-Ir 22.8Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/REEL High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 2.5V00万x 32/36流通过同步SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
UPD94154GD-202-5BB |
Standard Cell Array
|
ETC
|
AS7C33128FT18B AS7C33128FT18B-80TQIN AS7C33128FT18 |
3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 Sync SRAM - 3.3V
|
INTEGRATED SILICON SOLUTION INC Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
DS2726G |
5-Cell to 10-Cell Li Protector with Cell Balancing; Package: THIN QFN, 32 pin ; Temperature Range: -40°C to 85°C 11-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32
|
Maxim Integrated Products, Inc.
|
17510-6 17510 |
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
|
VICOR[Vicor Corporation]
|
|